Part Number Hot Search : 
TP518 A471J U1FWJ44M DTA123Y SA12A M304206 3SH21 DSOD323
Product Description
Full Text Search
 

To Download KBPC3501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s 21357 rev. b-3 1 of 2 kbpc35005/w-kbpc3510/w kbpc35005/w - kbpc3510/w 35a bridge rectifier features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified mechanical data single phase, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol kbpc35 005/w kbpc35 01/w k bpc35 02/w k bpc35 04/w k bpc35 06/w k bpc35 08/w k bpc35 10/w unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @ t c = 55  c i o 35 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 400 a forward voltage (per element) @ i f = 17.5a v fm 1.2 v peak reverse current @ t c = 25  c at rated dc blocking voltage @ t c = 125  c i rm 10 1.0  a ma i 2 t rating for fusing (t < 8.3ms) (note 3) i 2 t 664 a 2 s typical junction capacitance (note 2) c j 300 pf typical thermal resistance junction to case r  jc 2.7 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. thermal resistance junction to case mounted on heatsink. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured at non-repetitive, for t > 1.0ms and < 8.3ms.  diffused junction  low reverse leakage current  low power loss, high efficiency  surge overload rating to 400a peak  electrically isolated metal case for maximum heat dissipation  case to terminal isolation voltage 1500v  ul listed: recognized component index, file number e95060  case: high conductivity metal  terminals: plated leads solderable per mil-std-202, method 208  polarity: symbols marked on case  mounting: through hole for #10 screw  mounting torque: 8.0 inch-pounds maximum  weight: kbpc 31.6 grams (approx)  kbpc-w 28.5 grams (approx)  mounting position: any  marking: type number ?w? suffix designates wire leads no suffix designates fast-on terminals kbpc-w c a g e b h (ac) (ac) (+) (-) h j a c k a m n h h l p a p (ac) (ac) (-) (+) kbpc kbpc / kbpc-w dim min max a 28.40 28.70 b 10.97 11.23 c 15.50 17.60 e 22.86 25.40 g 13.30 15.30 h hole for #10 screw 4.85  5.59  j 17.10 19.10 k 10.40 12.40 l 0.97  1.07  m 30.50  n 10.97 11.23 p 17.10 19.10 all dimensions in mm
d s 21357 rev. b-3 2 of 2 kbpc35005/w-kbpc3510/w 0.01 0.1 1.0 10 100 0 0.4 0.8 1.0 1.6 1.80.60.2 1.2 1.4 i , inst ant aneous for w ard current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics ( per element ) f t = 25 c j pulse width = 300 s 0 100 200 300 400 1 10 100 i , peak for w ard. surge current (a) fsm number of cycles at 60 hz fi g . 3 maximum non-repetitive sur g e current single half-sine wave (jedec method) t = 150 c j 0.1 1.0 10 400 60 80 100 120 140 i , inst ant aneous reverse current ( a) r percent of rated peak reverse voltage (%) fi g .4 t y pical reverse characteristics ( per element ) 0.01 20 t = 25c j t = 100 c j 0 10 20 02550 75 100 125 150 i , a verage for w ard current (a) f t , case temperature ( c) fi g . 1 forward. current deratin g curve. c resistive or inductive load mounted on a 220 x 220 x 50mm al plate heatsink 30 4 0


▲Up To Search▲   

 
Price & Availability of KBPC3501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X